Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM605 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM605
Description  Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM605 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM605 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SMM605
Preliminary Information
Summit Microelectronics, Inc
2064 1.1 09/16/03
3
Output
Control
Trim Drive
Trim Drive
Trim Drive
Trim Drive
Trim Drive
Trim Drive
Input Voltage
Sensing and
Signal
Conditioning
A2
SDA
SCL
VREF_CNTL
Vout
TRIMA
TRIM_CAPA
TRIMF
TRIM_CAPF
FILT_CAP
V+
V-
VMA
VMF
READY
12VIN
VDD
3.6V or
5.5V
Regulator
Power
Supply
Arbitrator
VDD_CAP
CONTROL
LOGIC
START
1:6 MUX
6:1 MUX
Level
Shift
EE
Memory
Figure 3 –SMM605 Internal Functional Block Diagram.
INTERNAL FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com