Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM766 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMM766
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMM766 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2086 2.0 12/13/2005
2
TABLE OF CONTENTS
General Description………………………...……………3
Internal Functional Block Diagram……..… ……………4
Pin Descriptions………………………………………..5-6
Package And Pin Configuration………………… ……..7
Absolute Maximum Ratings………………… ………….8
Recommended Operating Conditions……… …..……..8
DC Operating Characteristics………………….. …..8-10
AC Operating Characteristics………………...……….10
I
2C 2-Wire Serial Interface AC Operating
Characteristics-100/400khz……………………………11
Timing Diagrams……………………… ……………11-12
DEVICE OPERATION
Power
Supply………………………………….……….…… ….14
Modes Of Operation………………………...………….14
Active DC Output Control……………………… ….14-15
Power-On Cascade Sequencing….……………….….15
Ongoing Operations-Monitoring Mode…………...…..16
Temperature Sensor Accuracy………………………..16
Margining…………………………………………… …..17
Power-Off Cascade Sequencing………………….…..17
Force-Shutdown….………………………………… ….17
Linked Operation……………………………..…...… …18
Restart…..………………………………………….……18
I
2C Power-Off Control………………………...………..18
Recommended Use Of The Power On Pin……… ….19
Applications Schematic…………………………… …..20
Development Hardware & Software……………...…..21
I
2C Programming Information
Serial Interface.……………………………………..…..22
Write……………………………………...….…… ……..22
Read….…………………………………………… …….22
Write Protection….……………………….………… ….23
Configuration Registers…..………………………… …23
General-Purpose Memory….………………………….23
Command And Status Registers……………………...23
ADC Conversions….………………………….…….….23
Graphical User Interface (GUI)………………………..23
Write Protection Register Write……………...………..24
Configuration Register Read/Write………...……..24-25
General-Purpose Memory Read/Write……..…… …..26
Command And Status Register Read/Write…… …...27
ADC Conversion Read….……………………… ….….27
Default Configuration Register Settings……….……..28
Package…………………………………………..……..29
Part Marking……………………………………...……..30
Ordering Information…..……………………….… ……30
Terminology And Definitions…………………………..31
Legal Notice……………………………………………..32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com