Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS1242 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMS1242
Description  2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS1242 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMS1242 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS1242 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
SMS1242
2038 2.0 6/8/00
SUMMIT MICROELECTRONICS, Inc.
Figure 4. RESET Output vs. VSENSE
Figure 3. RESET Output vs. Supply
Figure 2. Supply Voltage Noise Rejection, VRST =4.55V, TA = 25ºC
02
6
10
8
4
3
1
7
5
9
PULSE WIDTH (ms)
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
2038 Fig02 2.0
VRST
0V
0V
RESET#
V
CC
500ms/Div.
1.25V
0V
2V
0V
RESET#
V
SENSE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com