Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS64FR01 Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMS64FR01
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR01 Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMS64FR01 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 24Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
20
DEFAULT CONFIGURATION REGISTER SETTINGS – SMS64F-116
Register
Hex Contents
Configured as:
R00
B9
Channel A UV Trip Point = 4.6V
R01
69
Channel B UV Trip Point = 3.0V
R02
37
Channel C UV Trip Point = 2.0V
R03
19
Channel D UV Trip Point = 1.4V
R04
05
Channel E UV Trip Point = 1.0V
R05
05
Channel F UV Trip Point = 1.0V
R06
80
Use Channel A In Sequencing [D7]
VCCX To PUPA On Delay = 200ms [D6:5]
VCCX To PUPA Off Delay = 200ms [D4:3]
PUPA Sequence Position set to 0 [D2:0]
R07
81
Use Channel B In Sequencing [D7]
VCCX To PUPB On Delay = 200ms [D6:5]
VCCX To PUPB Off Delay = 200ms [D4:3]
PUPB Sequence Position set to 1 [D2:0]
R08
82
Use Channel C In Sequencing [D7]
VCCX To PUPC On Delay = 200ms [D6:5]
VCCX To PUPC Off Delay = 200ms [D4:3]
PUPC Sequence Position set to 2 [D2:0]
R09
83
Use Channel D In Sequencing [D7]
VCCX To PUPD On Delay = 200ms [D6:5]
VCCX To PUPD Off Delay = 200ms [D4:3]
PUPD Sequence Position set to 3 [D2:0]
R0A
84
Use Channel E In Sequencing [D7]
VCCX To PUPE On Delay = 200ms [D6:5]
VCCX To PUPE Off Delay = 200ms [D4:3]
PUPE Sequence Position set to 4 [D2:0]
R0B
85
Use Channel F In Sequencing [D7]
VCCX To PUPF On Delay = 200ms [D6:5]
VCCX To PUPF Off Delay = 200ms [D4:3]
PUPF Sequence Position set to 5 [D2:0]
R0C
00
PUP On/Off Use fast times set to OFF [D7]
Longdog Timer set to Off [D6:5]
RST Timeout Interval set to 25ms [D4:3]
Watchdog Timer set to Off [D2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com