Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2902 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMS2902
Description  Voltage Supervisory Circuit With Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS2902 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMS2902 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS2902 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
SMS2902/SMS2904/SMS2916
2028 5.1 8/2/00
NOTICE
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order
to improve design, performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of
any circuits described herein, conveys no license under any patent or other right, and makes no representation that
the circuits are free of patent infringement. Charts and schedules contained herein reflect representative operating
parameters, and may vary depending upon a user’s specific application. While the information in this publication has
been carefully checked, SUMMIT Microelectronics, Inc. shall not be liable for any damages arising as a result of any
error or omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications
where the failure or malfunction of the product can reasonably be expected to cause any failure of either system or to
significantly affect their safety or effectiveness. Products are not authorized for use in such applications unless
SUMMIT Microelectronics, Inc. receives written assurances, to its satisfaction, that: (a) the risk of injury or damage has
been minimized; (b) the user assumes all such risks; and (c) potential liability of SUMMIT Microelectronics, Inc. is
adequately protected under the circumstances.
© Copyright 2000 SUMMIT Microelectronics, Inc.
I2C is a trademark of Philips Corporation.
ORDERING INFORMATION
SMS2902
S
A
Base Part Number
VTRIP
Package
S = SOIC
A = 4.5V
B = 4.75V
2.7 = 2.7V
Blank = 4.5V
2028-02 Tree 2.0
SMS2904
S
A
Base Part Number
VTRIP
Package
S = SOIC
A = 4.5V
B = 4.75V
2.7 = 2.7V
Blank = 4.5V
2028-04 Tree 2.0
SMS2916
S
A
Base Part Number
VTRIP
Package
S = SOIC
A = 4.5V
B = 4.75V
2.7 = 2.7V
Blank = 4.5V
2028-16 Tree 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com