Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS64FR06 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS64FR06
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR06 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS64FR06 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS64FR06 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
2
GENERAL DESCRIPTION
The SMS64 has four major functional blocks; the
supply managers and the sequencing outputs; the
programmable reset and interrupt circuitry; the timing
and control block; and the nonvolatile memory array.
The managers are comprised of a voltage monitor
with a programmable threshold input. The monitored
voltage threshold can be programmed anywhere
between 0.9V and 6.0V in 20mV increments. Each
monitor
provides
an
under-voltage/over-voltage
(UV/OV) signal to the internal bus.
Associated with each monitor is an output circuit
(PUP circuit) that can be used to enable or switch an
external power supply to the application’s circuits. The
point in time and position in a sequence when the
output is asserted is programmable and is controlled
by the sequence position assignments and the PUP
delays in the timing and control block.
The other major block is a programmable reset and
interrupt block. The SMS64 provides a great deal of
flexibility in choosing the trigger source for the resets
and
interrupt.
The
sources
include
multiple
combinations of UV/OV conditions, and programmable
Watchdog and Longdog timers.
Programming of the SMS64 is performed over the
industry standard I
2C, 2-wire serial data interface. It
allows configuration of the device, real-time control of
the power-on/power-off processes and instant-access
to the power supply status of the application circuit.
The bus interfaces the host to 4k bits of nonvolatile
memory
and
the
programmable
configuration
registers.
2.5V
2.7V
1.8V
---
t2 ---
RST_B#
RST_A#
2.0V
1.5V
3.3V
Figure 1 – Example Power Supply Sequencing and System Start-up Initialization using the SMS64 as
shown in the Simplified Applications Drawing on page 1. Any order of supply sequencing can be applied
using the SMS64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com