Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLB1AF9331M1000TC1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # CLB1AF9331M1000TC1
Description  Microwave Integrated Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CLB1AF9331M1000TC1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CLB1AF9331M1000TC1_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CLB1AF9331M1000TC1_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CLB1AF9331M1000TC1
Note: This datasheet may be out of date.
Please download the latest datasheet of CLB1AF9331M1000TC1 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CLB1AF9331M1000TC1
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/07/2022
Specifications
Shape
SMD
Operating Temperature
Range
-55
℃ to 125℃
L x W (size)
L 1.00 X W 0.64mm
Rated Voltage
100Vdc
Capacitance (25
℃)
330pF
Capacitance Tolerance
±20%
Temperature Characteristics
(-25 to 85
℃)
+30/-80%
Withstanding Voltage
250Vdc
Resistance
25
℃:100000MΩmin.
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com