Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUFP7 Datasheet(PDF) 1 Page - Schneider Electric

Part # LUFP7
Description  Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUFP7 Datasheet(HTML) 1 Page - Schneider Electric

  LUFP7 Datasheet HTML 1Page - Schneider Electric LUFP7 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Profibus DP/Modbus communication
gateway - 1 Profibus DP SUB-D9 - 1
RJ45 Modbus
LUFP7
Product availability : Stock - Normally stocked in distribution
facility
Price* : 1,490.00 USD
Main
Range
TeSys
Device short name
LUF
Product or Component Type
Communication gateway
Product Compatibility
ATV31
ATS48
TeSys U starter-controllers
Complementary
Bus type
Profibus DP
Modbus
Connector type
Female SUB-D 9 field bus
RJ45 Modbus
RJ45 to a PC
Maximum number of
connections
<= 8 Modbus slaves
[Us] rated supply voltage
24 V DC +/- 10 %
Current consumption
100 mA typical
280 mA maximum
Local signalling
LED front panel
Services
Command Profibus DP 122 configurable words
Configuration and adjustment Fipio by gateway mini messaging facility
Monitoring Profibus DP 122 configurable words
Net Weight
0.54 lb(US) (0.245 kg)
Environment
Electromagnetic compatibility
Electromagnetic emission IEC 50081-2
Electromagnetic immunity IEC 61000-6-2
Pollution degree
2 IEC 60664
Ambient air temperature for
installation
41…122 °F (5…50 °C)
IP Degree of Protection
IP20
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LUFP7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LUFP9 SCHNEIDER-LUFP9 Datasheet
106Kb / 2P
DeviceNet/Modbus communication gateway - 1 DeviceNet screw type - 1 RJ45 Modbus
May 11, 2022
More results

Similar Description - LUFP7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
Moxa Inc.
5101-PBM-MN MOXA-5101-PBM-MN Datasheet
1Mb / 5P
1-port PROFIBUS-to-Modbus TCP gateways
logo
Prosoft-Technology
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
PROFIBUS DP Slave Communication Module
MVI56-PDPS PROSOFT-MVI56-PDPS Datasheet
206Kb / 2P
PROFIBUS DP Slave Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
Schneider Electric
TM4PDPS1 SCHNEIDER-TM4PDPS1 Datasheet
100Kb / 3P
module network TM4 1 Profibus DP slave
Apr 6, 2022
LA9P307 SCHNEIDER-LA9P307 Datasheet
128Kb / 2P
PASSEREL. PROFIBUS/MODBUS
May 11, 2022
LUFP9 SCHNEIDER-LUFP9 Datasheet
106Kb / 2P
DeviceNet/Modbus communication gateway - 1 DeviceNet screw type - 1 RJ45 Modbus
May 11, 2022
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com