Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LULC07 Datasheet(PDF) 1 Page - Schneider Electric

Part # LULC07
Description  profibus communication module, TeSys Ultra, 24VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LULC07 Datasheet(HTML) 1 Page - Schneider Electric

  LULC07 Datasheet HTML 1Page - Schneider Electric LULC07 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
profibus communication module,
TeSys Ultra, 24VDC
LULC07
Price* : 218.00 USD
Main
Range
TeSys
Device short name
LUL
Product or Component Type
Communication module
Product Compatibility
LUCB
LUCM
LUCC
LUCL
LUCD
LUCA
Device Application
Communication
Range compatibility
TeSys U LUB non reversing power base
TeSys U LU2B reversing power base
Complementary
Main function available
Communication module
Mounting Mode
Plug-in
Mounting Location
Front side
Physical interface
9-way SUB-D male
Bus type
Profibus DP
Communication Port Protocol
Profibus DP
Addressing
1...125
Current consumption
1.5 mA 24 V DC 20...28 V
Logic input
Positive 24 V DC - 7 mA
Response time
10 ms +/- 30 % change to state 0
10 ms +/- 30 % change to state 1
Input type
Resistive
Number of outputs
2 dedicated to starter-controller coil operation
1
[Us] rated supply voltage
24 V DC
Output Current
<= 500 mA
Protection Type
GL fuse 2 A
Switching current capacity
0.5 mA 24 V
Local signalling
3 LEDs front panel
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LULC07

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LULC031 SCHNEIDER-LULC031 Datasheet
95Kb / 2P
Modbus communication module - for TeSys U - 24 V DC
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
More results

Similar Description - LULC07

ManufacturerPart #DatasheetDescription
logo
Prosoft-Technology
PS69-DPM PROSOFT-PS69-DPM Datasheet
314Kb / 3P
PROFIBUS DPV1 Master Communication Module
PS69-DPS PROSOFT-PS69-DPS Datasheet
453Kb / 2P
PROFIBUS DP Slave Communication Module
MVI56-PDPMV1 PROSOFT-MVI56-PDPMV1 Datasheet
303Kb / 3P
PROFIBUS DPV1 Master Communication Module
MVI46-PDPS PROSOFT-MVI46-PDPS Datasheet
90Kb / 2P
PROFIBUS DP Slave Communication Module
logo
Schneider Electric
ASILUFC5 SCHNEIDER-ASILUFC5 Datasheet
99Kb / 2P
AS-Interface communication module, TeSys Ultra, 24VDC
May 11, 2022
ASILUFC51 SCHNEIDER-ASILUFC51 Datasheet
99Kb / 2P
Communication module, TeSys Ultra
May 11, 2022
LU9BN11L SCHNEIDER-LU9BN11L Datasheet
97Kb / 2P
Prewired connection, Tesys Ultra, for LUB - coil to communication module - Profibus
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC15 SCHNEIDER-LULC15 Datasheet
103Kb / 3P
Advantys STB communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com