Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LULC08 Datasheet(PDF) 2 Page - Schneider Electric

Part # LULC08
Description  CANopen communication module, TeSys Ultra, 24VDC supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LULC08 Datasheet(HTML) 2 Page - Schneider Electric

  LULC08 Datasheet HTML 1Page - Schneider Electric LULC08 Datasheet HTML 2Page - Schneider Electric LULC08 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Local signalling
3 LEDs front panel
Connection pitch
0.15 in (3.81 mm)
Connections - terminals
screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)flexible without cable end
screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)rigid without cable end
screw clamp terminals 1 0.00…0.00 in² (0.25…0.5 mm²)flexible with cable end
screw clamp terminals 1 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
screw clamp terminals 2 0.00…0.00 in² (0.14…0.5 mm²)rigid without cable end
screw clamp terminals 2 0.00…0.00 in² (0.14…0.75 mm²)flexible without cable end
screw clamp terminals 2 0.00…0.00 in² (0.25…0.34 mm²)flexible with cable end
screw clamp terminals 2 0.00 in² (0.5 mm²)flexible with cable end
Associated cable type
AWG 26...AWG 16
Tightening torque
1.77…2.21 lbf.in (0.2…0.25 N.m) 0.10 in (2.5 mm)
Environment
Standards
DR 303-2
CIADS-301 V4.02
Ambient Air Temperature for
Operation
-13…131 °F (-25…55 °C)
IP degree of protection
IP20 conforming to IEC 60529
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
GTIN
3389118212909
Nbr. of units in pkg.
1
Package weight(Lbs)
3.67 oz (104.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.93 in (4.9 cm)
Package 1 width
1.93 in (4.9 cm)
Package 1 Length
4.45 in (11.3 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
35
Package 2 Weight
8.88 lb(US) (4.03 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2
May 11, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com