Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF178P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF178P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF178P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BLF178P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
5 of 13
BLF178P
Power LDMOS transistor
7. Test information
7.1 Impedance information
7.2 RF performance
The following figures are measured in a class-AB production test circuit.
7.2.1 1-Tone CW pulsed
Table 8.
Typical impedance
Simulated ZS and ZL test circuit impedances.
f
ZS
ZL
MHz
108
3.91
 j3.56
3.59
 j1.73
Fig 3.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate
VDS = 50 V; IDq = 40 mA; f = 108 MHz; tp = 100 s;
 =20%.
VDS = 50 V; IDq = 40 mA; f = 108 MHz; tp = 100 s;
 =20 %.
(1) PL(1dB) = 60.8 dBm (1214 W)
(2) PL(3dB) = 61.2 dBm (1319 W)
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
Fig 5.
Output power as a function of input power;
typical values
aaa-002242
31
Gp
(dB)
ηD
(%)
23
PL (W)
100
500
900
1300
1500
1100
700
300
25
27
29
80
0
20
40
60
Gp
ηD
aaa-002243
Pi (dBm)
29
35
33
31
62
60
64
66
PL
(dBm)
58
Ideal PL
PL
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com