Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF642 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF642
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF642 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF642 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLF642#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
3 of 12
BLF642
Broadband power LDMOS transistor
6. Characteristics
7. Application information
7.1 Ruggedness in class-AB operation
The BLF642 is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1
through all phases under the following conditions: VDS = 32 V; f = 1300 MHz at rated load
power.
Table 6.
Characteristics per section
Tj = 25 C; unless otherwise specified.
Symbol Parameter
Conditions
Min Typ
Max Unit
V(BR)DSS drain-source breakdown voltage VGS = 0 V; ID =0.5 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 32 V; ID = 50 mA
1.4 1.9
2.4
V
VGSq
gate-source quiescent voltage
VDS = 32 V; IDq = 250 mA
1.5 2.0
2.5
V
IDSS
drain leakage current
VGS = 0 V; VDS =32 V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS =10V
8.0 9.0
-
A
IGSS
gate leakage current
VGS = 10 V; VDS =0V
-
-
50
nA
gfs
forward transconductance
VDS = 10 V; ID = 2.5 A
-
3.3
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =1.75 A
-300
-
m
Ciss
input capacitance
VGS = 0 V; VDS =32 V;
f=1MHz
-39
-
pF
Coss
output capacitance
VGS = 0 V; VDS =32 V;
f=1MHz
-15
-
pF
Crs
feedback capacitance
VGS = 0 V; VDS =32 V;
f=1MHz
-0.84
-
pF
Table 7.
RF performance in a common-source class-AB circuit
Th =25 C; IDq = 0.2 A.
Mode of operation
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW, class-AB
1300
32
35
> 18
> 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com