Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF645 Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # BLF645
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF645 Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  BLF645 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF645 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BLF645#2
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2015
2 of 14
BLF645
Broadband power LDMOS transistor
1.3 Applications
Communication transmitter applications in the HF to 1400 MHz frequency range
Industrial applications in the HF to 1400 MHz frequency range
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
5. Thermal characteristics
[1]
Rth(j-c) is measured under RF conditions.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain 1
2drain 2
3gate 1
4gate2
5source
[1]
5
12
4
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLF645
-
flanged balanced LDMOST ceramic package; 2
mounting holes; 4 leads
SOT540A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+11
V
ID
drain current
-
32
A
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
200
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ Unit
Rth(j-c)
thermal resistance from junction to case
Tcase = 80 C; PL = 100 W
[1] 0.67 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com