Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78LXX-S08-0-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78LXX-S08-0-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78LXX-S08-0-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78LXX-S08-0-R Datasheet HTML 1Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 2Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 3Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 4Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 5Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 6Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 7Page - Unisonic Technologies 78LXX-S08-0-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
78LXX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R101-001,AG
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT=5~9V
30
Input voltage
VOUT=12~24V
VIN
35
V
Output Current
IOUT
100
mA
SOP-8
300
TO-92
625
Power Dissipation
SOT-89
PD
350
mW
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-40~+150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃
ELECTRICAL CHARACTERISTICS
For UTC78L05 (VIN=10V, IOUT=40mA, 0°C <TJ<125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
4.80
5.0
5.20
V
7V≦VIN≦20V,IOUT=1mA-40mA
4.75
5.25
V
Output Voltage
VOUT
7V≦VIN≦VMAX,IOUT=1mA-70mA
4.75
5.25 V (note 2)
TJ=25°C,IOUT=1mA-100mA
11
60
mV
Load Regulation
VOUT
TJ=25°C,IOUT=1mA-40mA
5.0
30
mV
7V≦VIN≦20V,TJ=25°C
8
150
mV
Line regulation
VOUT
8V≦VIN≦20V,TJ=25°C
6
100
mV
Quiescent Current
∆IQ
VIN=10V,IOUT=0mA,TJ=25°C
2.0
5.5
mA
8V≦VIN≦20V
1.5
mA
Quiescent Current Change
∆IQ
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
uV
Temperature coefficient of VOUT
∆VO/∆T IOUT=5mA
-0.65
mV/
°C
Ripple Rejection
RR
8V≦VIN≦20V,f=120Hz,TJ=25°C
41
80
dB
Dropout Voltage
VD
TJ=25°C
1.7
V
For UTC78L06 (VIN=12V, IOUT=40mA, 0°C <TJ<125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C
5.76
6.0
6.24
V
8.5V≦VIN≦20V,IOUT=1mA-40mA
5.70
6.30
V
Output Voltage
VOUT
8.5V≦VIN≦VMAX, IOUT=1mA-70mA
5.70
6.30
V(note 2)
TJ=25°C,IOUT=1mA-100mA
12.8
80
mV
Load Regulation
VOUT
TJ=25°C,IOUT=1mA-70mA
5.8
40
mV
8.5V≦VIN≦20V,TJ=25°C
64
175
mV
Line regulation
VOUT
9V≦VIN≦20V,TJ=25°C
54
125
mV
Quiescent Current
∆IQ
VIN=12V,IOUT=0mA,TJ=25°C
3.9
6.0
mA
9V≦VIN≦20V
1.5
mA
Quiescent Current Change
∆IQ
1mA≦VIN≦40mA
0.1
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
49
uV
Temperature coefficient of VOUT
∆VO/∆T IOUT=5mA
0.75
mV/
°C
Ripple Rejection
RR
10V≦VIN≦20V,f=120Hz, TJ=25°C
40
46
dB
Dropout Voltage
VD
TJ=25°C
1.7
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com