Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM2425M7S60P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLM2425M7S60P
Description  LDMOS 2-stage power MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLM2425M7S60P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLM2425M7S60P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLM2425M7S60P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLM2425M7S60P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 13 September 2018
4 of 13
BLM2425M7S60P
LDMOS 2-stage power MMIC
6. Thermal characteristics
[1]
When operated with a CW signal.
7. Characteristics
Table 5.
Thermal characteristics
Measured for total device.
Symbol Parameter
Conditions
Value Unit
Rth(j-c)
thermal resistance from
junction to case
final stage; Tcase = 90 C; PL = 60 W
[1] 0.91
K/W
Table 6.
DC characteristics
Tcase = 25
°C; per section unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ
Max Unit
Final stage
V(BR)DSS drain-source breakdown voltage VGS = 0 V; ID = 0.422 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 42 mA
1.5
1.9
2.3
V
VGSq
gate-source quiescent voltage
VDS = 28 V; ID = 253 mA
1.7
2.1
2.5
V
IDSS
drain leakage current
VGS = 0 V; VDS = 28 V
-
-
1.4
A
IDSX
drain cut-off current
VGS = VGS(th) + 3.75 V;
VDS = 10 V
-
7.8
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
140 nA
gfs
forward transconductance
VDS = 10 V; ID = 1478 mA
-
2.85 -
S
RDS(on)
drain-source on-state resistance VGS = VGS(th) + 3.75 V;
ID = 1.48 A
-
350
-
m
IDq
quiescent drain current
main transistor: VDS = 28 V
sense transistor: ID = 7 mA;
VDS = 28 V
208 233
257 mA
Driver stage
V(BR)DSS drain-source breakdown voltage VGS = 0 V; ID = 0.116 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 11.6 mA
1.4
1.9
2.4
V
VGSq
gate-source quiescent voltage
VDS = 28 V; ID = 69.6 mA
1.7
2.1
2.5
V
IDSS
drain leakage current
VGS = 0 V; VDS = 28 V
-
-
1.4
A
IDSX
drain cut-off current
VGS = VGS(th) + 3.75 V;
VDS = 10 V
-
2.2
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
140 nA
gfs
forward transconductance
VDS = 10 V; ID = 406 mA
-
0.8
-
S
RDS(on)
drain-source on-state resistance VGS = VGS(th) + 3.75 V;
ID = 0.4 A
-
2350 -
m
IDq
quiescent drain current
main transistor: VDS = 28 V
sense transistor: ID = 7 mA;
VDS = 28 V
67
75
83
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com