Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541APW/03 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9541APW/03
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541APW/03 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9541APW/03 Datasheet HTML 1Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 2Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 3Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 4Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 5Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 6Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 7Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 8Page - NXP Semiconductors PCA9541APW/03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
PCA9541A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 24 April 2014
3 of 45
NXP Semiconductors
PCA9541A
2-to-1 I2C-bus master selector with interrupt logic and reset
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9541AD/01
PCA9541AD/1
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541AD/03
PCA9541AD/3
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541APW/01
9541A/1
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9541APW/03
9541A/3
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
PCA9541ABS/01
41A1
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 4
 4  0.85 mm
SOT629-1
PCA9541ABS/03
41A3
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 4
 4  0.85 mm
SOT629-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9541AD/01
PCA9541AD/01,112
SO16
Standard marking
* IC’s tube - DSC bulk pack
1000
Tamb = 40 Cto+85 C
PCA9541AD/01,118
SO16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9541AD/03
PCA9541AD/03,112
SO16
Standard marking
* IC’s tube - DSC bulk pack
1000
Tamb = 40 Cto+85 C
PCA9541AD/03,118
SO16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9541APW/01
PCA9541APW/01,112
TSSOP16
Standard marking
* IC’s tube - DSC bulk pack
2400
Tamb = 40 Cto+85 C
PCA9541APW/01,118
TSSOP16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9541APW/03
PCA9541APW/03,112
TSSOP16
Standard marking
* IC’s tube - DSC bulk pack
2400
Tamb = 40 Cto+85 C
PCA9541APW/03,118
TSSOP16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 Cto+85 C
PCA9541ABS/01
PCA9541ABS/01,118
HVQFN16
Reel 13” Q1/T1
*Standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9541ABS/03
PCA9541ABS/03,118
HVQFN16
Reel 13” Q1/T1
*Standard mark SMD
6000
Tamb = 40 Cto+85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com