Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS22S-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS22S-M3
Description  Surface-Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS22S-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS22S-M3 Datasheet HTML 1Page - Vishay Siliconix SS22S-M3 Datasheet HTML 2Page - Vishay Siliconix SS22S-M3 Datasheet HTML 3Page - Vishay Siliconix SS22S-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS22S-M3, SS23S-M3, SS24S-M3
www.vishay.com
Vishay General Semiconductor
Revision: 24-Apr-2020
2
Document Number: 89407
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) PCB mounted with 0.4" x 0.4" (10 mm x 10 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS22S
SS23S
SS24S
UNIT
Typical thermal resistance
RθJA
(1)
75
°C/W
RθJL
(1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS24S-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SS24S-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
P.C.B. Mounted on
0.4" x 0.4" (10 mm x 10 mm)
Copper Pad Areas
Lead Temperature (°C)
Resistive or Inductive Load
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3 D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
50
40
30
20
10
0
0
10
100
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
at Rated T
L
10
100
1000
10000
0.1
1
10
100
0.1
0.3
0.5
0.7
0.9
1.1
1.3
Axis Title
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = -40 °C
T
J = 25 °C
T
J = 125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com