Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2PL45 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V2PL45
Description  Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V2PL45 Datasheet(HTML) 2 Page - Vishay Siliconix

  V2PL45 Datasheet HTML 1Page - Vishay Siliconix V2PL45 Datasheet HTML 2Page - Vishay Siliconix V2PL45 Datasheet HTML 3Page - Vishay Siliconix V2PL45 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V2PL45
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-2020
2
Document Number: 87526
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/ RJA
(2) Free air, mounted on FR4 PCB, 2 oz. standard footprint, RJA - junction to ambient
(3) Mounted on PCB with 8.0 mm x 8.0 mm copper pad areas, RJM - junction to mount
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Average Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 1.0 A
TA = 25 °C
VF (1)
0.43
-
V
IF = 2.0 A
0.48
0.56
IF = 1.0 A
TA = 125 °C
0.33
-
IF = 2.0 A
0.40
0.48
Reverse current per diode
VR = 45 V
TA = 25 °C
IR (2)
-0.35
mA
TA = 125 °C
3
10
Typical junction capacitance
4.0 V, 1 MHz
CJ
300
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V2PL45
UNIT
Typical thermal resistance
RJA (1)(2)
130
°C/W
RJM (3)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V2PL45-M3/H
0.006
H
4500
7" diameter plastic tape and reel
V2PL45HM3/H (1)
0.006
H
4500
7" diameter plastic tape and reel
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
25
50
75
100
125
150
Mount Temperature (
°C)
T
M measured at cathode terminal mount
typical values
T
M = 133 °C, RthJM = 20 °C/W
T
A = 25 °C, RthJA = 130 °C/W
0.0
0.2
0.4
0.6
0.8
1.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com