Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCT02 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCT02
Description  Encoder For Remote Controller With Five Functions CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02 Datasheet(HTML) 1 Page - Unisonic Technologies

  RCT02 Datasheet HTML 1Page - Unisonic Technologies RCT02 Datasheet HTML 2Page - Unisonic Technologies RCT02 Datasheet HTML 3Page - Unisonic Technologies RCT02 Datasheet HTML 4Page - Unisonic Technologies RCT02 Datasheet HTML 5Page - Unisonic Technologies RCT02 Datasheet HTML 6Page - Unisonic Technologies RCT02 Datasheet HTML 7Page - Unisonic Technologies RCT02 Datasheet HTML 8Page - Unisonic Technologies RCT02 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UTCRCT02
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-002,C
Encoder For Remote Controller
With Five Functions
DESCRIPTION
The chip can be used with the decoder RCR02 to provide a
complete control functions to the remote-controlled toy. The
RCT02 has five input pins corresponding with the five
function buttons i.e, forward, backward, rightward, leftward
and turbo. The encoding circuit in the RCT02 sends digital
codes to the two output pins SO and SC. The digital codes
correspond to the definite function buttons or their
combinations. The SO and SC outputs are used in wireless
and infra-red applications respectively.
There is an internal oscillator in the RCT02. By adding an
external resistor conveniently, the oscillator will be
constructed. The oscillator frequency can be adjusted by the
external resistor. The relative error between the frequencies
of the two on chip oscillators in the RCT02 and RCR02 must
be less than ±25%.
The auto-power-off function is achieved by an internal
counter. When the RCT02 is powered on, the counter is reset
and begin to count. Any action of push down or release the
function button also reset the counter. The PC pin will keep
on a high level until the counter counts up to about 4 minutes.
The PC output is used to control on/off state of the external
power supply. Pressing OFF button can also shut down the
power supply. Press on any function button will wake up the
chip promptly.
FEATURES
*Five input pins used for five control buttons
*Operating power-supply voltage range: 2.5 to 5.0V
*Auto-power-off if no press on any button in 4 minutes or
continuously press on any button over 4 minues
*Manual-power-on/off with ON/OFF button
*One output pin used for external power control
*Press on any button as wake up
*On-chip oscillator with an external resistor
*Low operating current
*Few external components needed
DIP-14
SOP-14


Similar Part No. - RCT02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT02G-D14-T UTC-RCT02G-D14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02G-S14-R UTC-RCT02G-S14-R Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02G-S14-T UTC-RCT02G-S14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02L-D14-T UTC-RCT02L-D14-T Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
RCT02L-S14-R UTC-RCT02L-S14-R Datasheet
258Kb / 11P
ENCODER FOR REMOTE CONTROLLER
More results

Similar Description - RCT02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Hamamatsu Corporation
S4506 HAMAMATSU-S4506 Datasheet
158Kb / 2P
Photo IC for photointerrupters with encoder functions
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com