Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10465PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD10465PCB
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10465PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD10465PCB Datasheet HTML 9Page - Analog Devices AD10465PCB Datasheet HTML 10Page - Analog Devices AD10465PCB Datasheet HTML 11Page - Analog Devices AD10465PCB Datasheet HTML 12Page - Analog Devices AD10465PCB Datasheet HTML 13Page - Analog Devices AD10465PCB Datasheet HTML 14Page - Analog Devices AD10465PCB Datasheet HTML 15Page - Analog Devices AD10465PCB Datasheet HTML 16Page - Analog Devices AD10465PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD10465
–13–
J18
AGNDA
R83
51
C40
0.1 F
AGNDA
J6
AGNDA
R82
51
C42
0.1 F
AGNDA
JP8
JP11
OPEN
ENCODEA
ENCODEA
NC = NO CONNECT
VCC
Q
Q
VEE
NC
D
D
VBB
U7
MC10EP16D
AGNDA
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U6
AGNDA
2
6
1
8
ERR
3
+5VAA
C45
100pF
GND
AGNDA
JP7
R140
33k
4
+5VAA
C41
0.47 F
AGNDA
R89
100
AGNDA
R94
100
C49
0.1 F
C44
0.1 F
ENCAB
ENCA
ADP3330
J17
AGNDB
R79
51
C39
0.1 F
AGNDB
J16
AGNDB
R76
51
C37
0.1 F
AGNDB
JP10
JP12
OPEN
ENCODEB
ENCODEB
NC = NO CONNECT
VCC
Q
Q
VEE
NC
D
D
VBB
U9
MC10EP16D
AGNDB
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U8
AGNDB
2
6
1
8
ERR
3
+5VAA
C43
100pF
GND
AGNDB
JP9
R141
33k
4
+5VAA
C38
0.47 F
AGNDB
R95
100
AGNDAB
R97
100
C46
0.1 F
C48
0.1 F
ENCB
ENCBB
ADP3330
Figure 9c. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com