Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD341DPLR Datasheet(PDF) 7 Page - Texas Instruments

Part # PESD341DPLR
Description  ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PESD341DPLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PESD341DPLR Datasheet HTML 3Page - Texas Instruments PESD341DPLR Datasheet HTML 4Page - Texas Instruments PESD341DPLR Datasheet HTML 5Page - Texas Instruments PESD341DPLR Datasheet HTML 6Page - Texas Instruments PESD341DPLR Datasheet HTML 7Page - Texas Instruments PESD341DPLR Datasheet HTML 8Page - Texas Instruments PESD341DPLR Datasheet HTML 9Page - Texas Instruments PESD341DPLR Datasheet HTML 10Page - Texas Instruments PESD341DPLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ESD341 is a diode type TVS which is used to provide a path to ground for dissipating ESD events on
high-speed signal lines between a human interface connector and a system. As the current from ESD passes
through the TVS, only a small voltage drop is present across the diode. This is the voltage presented to the
protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a safe level for the protected IC.
8.2 Typical Application
HOT PLUG 1
UTILITY 2
TMDS D2+ 3
TMDS_GND 4
TMDS D2- 5
TMDS D1+ 6
TMDS_GND 7
TMDS D1- 8
TMDS D0+ 9
TMDS_GND 10
TMDS D0- 11
TMDS CLK+ 12
TMDS_GND 13
TMDS CLK- 14
CEC 15
DDC/CEC GND 16
SCL 17
SDA 18
P 5V0 19
GND 20
CEC_CON
SCL_CON
SDA_CON
EN
5V_CON
HPD_CON
UTI_CON
GND
HPD_SYS
5V_SYS
VCCA
SDA_SYS
SCL_SYS
CEC_SYS
UTILITY_CON
D2+
D2-
D1+
D1-
D0+
D0-
CLK+
CLK-
0.1 µF
0.1 µF
5-V Source
HDMI Controller
ESD341 (x8)
TPD5S116YFF
Copyright © 2022, Texas Instruments Incorporated
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
Figure 8-1. HDMI 1.4 Application
www.ti.com
ESD341
SLVSGV3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com