Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5401 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SF5401
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5401 Datasheet(HTML) 4 Page - Vishay Siliconix

  SF5401 Datasheet HTML 1Page - Vishay Siliconix SF5401 Datasheet HTML 2Page - Vishay Siliconix SF5401 Datasheet HTML 3Page - Vishay Siliconix SF5401 Datasheet HTML 4Page - Vishay Siliconix SF5401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF5400, SF5401, SF5402, SF5403, SF5404, SF5405, SF5406, SF5407, SF5408
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 22-Feb-18
4
Document Number: 86061
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Max. Forward Current vs. Forward Voltage
Fig. 8 - Max. Reverse Current vs. Junction Temperature
Fig. 9 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 10 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-64
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
96 12059
VF - Forward Voltage (V)
SF5405 to SF5408
T
j = 175 °C
T
j = 25 °C
96 12065
1
10
100
1000
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
SF5400 to SF5408
V
R = VRRM
0
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
175
16478
Tj - Junction Temperature (°C)
V
R = VRRM
SF5404
SF5404
SF5408
P
R - Limit at 100 % VR
SF5408
P
R - Limit at 80 % VR
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0
20
40
60
80
100
120
0.1
1
10
100
16479
f = 1 MHz
SF5404
SF5408
VR - Reverse Voltage (V)
Cathode Identification
4.3 (0.168) max.
1.35 (0.053) max.
4 (0.156) max.
Sintered Glass Case
SOD-64
26(1.014) min.
26 (1.014) min.
Document-No.: 6.563-5006.4-4
Rev. 3 - Date: 09.February.2005
94 9587



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com