Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2431-RTR1 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC2431-RTR1
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431-RTR1 Datasheet(HTML) 5 Page - Texas Instruments

  CC2431-RTR1 Datasheet HTML 1Page - Texas Instruments CC2431-RTR1 Datasheet HTML 2Page - Texas Instruments CC2431-RTR1 Datasheet HTML 3Page - Texas Instruments CC2431-RTR1 Datasheet HTML 4Page - Texas Instruments CC2431-RTR1 Datasheet HTML 5Page - Texas Instruments CC2431-RTR1 Datasheet HTML 6Page - Texas Instruments CC2431-RTR1 Datasheet HTML 7Page - Texas Instruments CC2431-RTR1 Datasheet HTML 8Page - Texas Instruments CC2431-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CC2431
SWRS034
Page 5 of 14
2
Location Engine
The Location Engine is used to estimate
the position of nodes in an ad-hoc wireless
network. Reference nodes exist with
known coordinates, typically because they
are part of an installed infrastructure.
Other nodes are blind nodes, whose
coordinates need to be estimated. These
blind nodes are often mobile and attached
to assets that need to be tracked.
The
Location
Engine
implements
a
distributed computation algorithm that
uses received signal strength indicator
(RSSI) values from known reference
nodes, such as mobile neighbor nodes
with the same Location Engine, or fixed
infrastructure nodes. Performing location
calculations at the node level reduces
network traffic and communication delays
otherwise
present
in
a
centralized
computation approach.
The Location Engine has the following
main features:
Three to eight reference nodes
can be used for the location
estimation algorithm
Location estimate with resolution
of 0.5 meters
Time to estimate node location
less than 40 µs
Location range 64 x 64 meters
Location error can be less than 3
meters, depending on factors
described below
Runs location estimation with
minimum CPU usage
To achieve the best possible accuracy one
should use antennas that have near-
isotropic radiation characteristics. The
location
error
depends
on
signal
environment,
deployment
pattern
of
reference nodes and the density of
reference nodes in a given area.
In
general, having more reference nodes
available improves the accuracy of the
location estimation.
2.1 Location Engine Operation
This section describes the basic steps
required to obtain location estimates from
the Location Engine.
The Location Engine requires a set of
three to eight reference coordinates to be
input together with a set of measured
parameters. The output from the Location
Engine consists of a pair of estimated
location coordinates.
Before any input data is written, the
Location Engine must be enabled by
writing a 1 to the enable bit,
LOCENG.EN.
When the Location Engine is not in use,
writing a 0 to
LOCENG.EN will reduce the
power consumption of the CC2431 by
gating off the Engine’s clock signal.
Figure 1 shows the basic operation of the
Location Engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com