Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V1-CLIP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # V1-CLIP
Description  Unlocking protector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V1-CLIP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  V1-CLIP Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Unlocking protector
V1-CLIP
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Dimensions
Technical data
Ambient conditions
Ambient temperature
-25 ... 90 °C (-13 ... 194 °F)
Mechanical specifications
Material
PA
Note
maximum width of the nut: 11 mm
General information
Use in the hazardous area
Category
3G; 3D
2.5
9.5
13
68
Model Number
V1-CLIP
Unlocking protector for M12 connector
Features
• Prevents connections being interrupt-
ed without using a tool


Similar Part No. - V1-CLIP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V1-4A-E-5M-PUR PF-V1-4A-E-5M-PUR Datasheet
578Kb / 3P
Splitter boxes
2022-03-28
V1-4A-E2-10M-PUR PF-V1-4A-E2-10M-PUR Datasheet
571Kb / 3P
Splitter boxes
2022-03-28
V1-4A-E2-5M-PUR PF-V1-4A-E2-5M-PUR Datasheet
571Kb / 3P
Splitter boxes
2022-03-28
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-6A-E2-5M-PUR PF-V1-6A-E2-5M-PUR Datasheet
568Kb / 3P
Splitter boxes
2022-03-28
More results

Similar Description - V1-CLIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSVS747 ETC-NSVS747 Datasheet
96Kb / 4P
314.95MHZ Remote Unlocking
logo
Molex Electronics Ltd.
63824-3900 MOLEX11-63824-3900 Datasheet
38Kb / 1P
Unlocking Tool for CMX Receptacle Crimp Terminal
63824-4000 MOLEX11-63824-4000 Datasheet
38Kb / 1P
Unlocking Tool for CMX Receptacle Crimp Terminal
logo
HARTING Technology Grou...
09-14-000-9938 HARTING-09-14-000-9938 Datasheet
451Kb / 1P
Han GND unlocking protection yellow
2021-10-01
logo
Molex Electronics Ltd.
63824-3900 MOLEX-63824-3900 Datasheet
368Kb / 2P
Unlocking Tool
11-18-13
63824-4000 MOLEX-63824-4000 Datasheet
367Kb / 2P
Unlocking Tool
11-18-13
63824-6500 MOLEX-63824-6500 Datasheet
829Kb / 2P
Unlocking Tool for CMX Receptacle Crimp Terminal
03-28-16
ATS-638241200 MOLEX-ATS-638241200 Datasheet
147Kb / 2P
Unlocking Tool for CMC and CMX Receptacle Connector
02-20-12
ATS-638246600 MOLEX-ATS-638246600 Datasheet
829Kb / 2P
Unlocking Tool for CMX Receptacle Crimp Terminal
04-28-16
0638244000 MOLEX-0638244000 Datasheet
29Kb / 1P
Unlocking Tool for CMX Receptacle Crimp Terminal
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com