Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S1PB
Description  High Current Density Surface-Mount Glass Passivated Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S1PB Datasheet(HTML) 2 Page - Vishay Siliconix

  S1PB Datasheet HTML 1Page - Vishay Siliconix S1PB Datasheet HTML 2Page - Vishay Siliconix S1PB Datasheet HTML 3Page - Vishay Siliconix S1PB Datasheet HTML 4Page - Vishay Siliconix S1PB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S1PB, S1PD, S1PG, S1PJ, S1PK, S1PM
www.vishay.com
Vishay General Semiconductor
Revision: 15-Apr-2020
2
Document Number: 88917
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RθJL is
measured at the terminal of cathode band. RθJC is measured at the top center of the body
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
S1PB
S1PD
S1PG
S1PJ
S1PK
S1PM
UNIT
Max. instantaneous
forward voltage
IF = 1.0 A
TJ = 25 °C
VF (1)
1.1
V
IF = 1.0 A
TJ = 125 °C
0.95
Max. reverse current
Rated VR
TJ = 25 °C
IR (2)
1.0
1.0
μA
μA
TJ = 125 °C
50
100
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
1.8
μs
Typical junction capacitance time
4.0 V, 1 MHz
CJ
6.0
pF
THERMAL CHARACTERISTICS (TA = 25 °c unless otherwise noted)
PARAMETER
SYMBOL
S1PB
S1PD
S1PG
S1PJ
S1PK
S1PM
UNIT
Typical thermal resistance
RθJA
(1)
105
°C/W
RθJL
(1)
15
RθJC
(1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
S1PJ-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
S1PJ-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
S1PJHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
S1PJHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
0
1.2
80
90
100
110
120
130
140
150
Lead Temperature (°C)
0.8
1.0
0.2
0.4
0.6
T
L Measured
at the Cathode Band Terminal
1.2
1.0
0.8
0.6
0.4
0.2
0
1.2
1.0
0.8
0.6
0.4
0.2
0
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com