Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5MS Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S5MS
Description  SMD Photovoltaic Solar Cell Protection Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S5MS Datasheet(HTML) 3 Page - Vishay Siliconix

  S5MS Datasheet HTML 1Page - Vishay Siliconix S5MS Datasheet HTML 2Page - Vishay Siliconix S5MS Datasheet HTML 3Page - Vishay Siliconix S5MS Datasheet HTML 4Page - Vishay Siliconix S5MS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S5MS
www.vishay.com
Vishay General Semiconductor
Revision: 16-Apr-2020
3
Document Number: 89148
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Notes
(1) Mounted on 30 mm x 30 mm Al PCB TM measured at the terminal (RθJM = 8 °C/W)
(2) Free air, mounted on recommended copper pad area (RθJA = 92 °C/W)
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Ambient Temperature (°C)
6.0
4.0
0
075
150
25
100
1.0
50
125
2.0
5.0
3.0
T
A = 25 °C
(2)
T
M = 110 °C
(1)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
6.0
0
036
14
1.0
25
3.0
2.0
4.0
D = t
p/T
t
p
T
5.0
10
100
1000
10000
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Axis Title
Instantaneous Forward Voltage (V)
T
J = -40 °C
T
J = 150 °C
T
J = 25 °C
T
J = 125 °C
Pulse Width = 300 µs
1 % Duty Cycle
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
0
20406080
100
Axis Title
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 150 °C
T
J = 25 °C
T
J = -40 °C
Reverse Voltage (V)
100
10
0.1
100
110
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com