Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5PMS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S5PMS
Description  SMD Photovoltaic Solar Cell Protection Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S5PMS Datasheet(HTML) 1 Page - Vishay Siliconix

  S5PMS Datasheet HTML 1Page - Vishay Siliconix S5PMS Datasheet HTML 2Page - Vishay Siliconix S5PMS Datasheet HTML 3Page - Vishay Siliconix S5PMS Datasheet HTML 4Page - Vishay Siliconix S5PMS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S5PMS
www.vishay.com
Vishay General Semiconductor
Revision: 15-Apr-2020
1
Document Number: 89149
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD Photovoltaic Solar Cell Protection Rectifier
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Glass passivated pellet chip junction
• Low forward voltage drop
• High forward surge capability
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in solar cell panel blocking diode for protection,
using DC forward current without reverse bias.
MECHANICAL DATA
Case:
SMPC (TO-277A)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Notes
(1) Mounted on 30 mm x 30 mm Al PCB
(2) Free air, mounted on recommended copper pad area
(3) Meets the requirements of IEC 61215 Ed. 2 bypass diode thermal test
PRIMARY CHARACTERISTICS
IF(AV)
5.0 A
VRRM
1000 V
IFSM
100 A
IR
10 μA
VF at IF = 5.0 A
0.90 V
TJ max.
150 °C
Package
SMPC (TO-277A)
Circuit configuration
Single
K
2
1
SMPC (TO-277A)
eSMP® Series
Anode 1
Anode 2
Cathode
K
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
S5PMS
UNIT
Device marking code
5PMS
Max. repetitive peak reverse voltage
VRRM
1000
V
Max. DC forward current (fig. 1)
TM = 130 °C
IF
5.0 (1)
A
TA = 25 °C
1.8 (2)
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Operating junction and storage temperature range
TOP, TSTG
-55 to +150
°C
Junction temperature in DC forward current without
reverse bias, t
≤ 1 h (3)
TJ
≤ 200
°C


Similar Part No. - S5PMS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S5PMS VISHAY-S5PMS Datasheet
83Kb / 5P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Apr-11
S5PMS-M3-86A VISHAY-S5PMS-M3-86A Datasheet
83Kb / 5P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Apr-11
S5PMS-M3-87A VISHAY-S5PMS-M3-87A Datasheet
83Kb / 5P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Apr-11
More results

Similar Description - S5PMS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S5MS VISHAY-S5MS Datasheet
90Kb / 4P
SMD Photovoltaic Solar Cell Protection Rectifier
02-Nov-09
S5PMS VISHAY-S5PMS Datasheet
83Kb / 5P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Apr-11
SS12P4S VISHAY-SS12P4S Datasheet
91Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-May-11
V10P45S VISHAY-V10P45S_13 Datasheet
86Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
19-Apr-11
SS15P3S VISHAY-SS15P3S_15 Datasheet
88Kb / 6P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
12-Dec-13
V10P45S-M3 VISHAY-V10P45S-M3_15 Datasheet
81Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
28-Nov-13
S5MS-M3 VISHAY-S5MS-M3 Datasheet
82Kb / 4P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Feb-16
S5MS-E3 VISHAY-S5MS-E3 Datasheet
82Kb / 4P
SMD Photovoltaic Solar Cell Protection Rectifier
19-Feb-16
SS15P3S VISHAY-SS15P3S_V01 Datasheet
110Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
07-Apr-2021
S5MS VISHAY-S5MS_V01 Datasheet
94Kb / 5P
SMD Photovoltaic Solar Cell Protection Rectifier
16-Apr-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com