Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89C53RC Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 123Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 124Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 125Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 126Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 127Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 128Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 129Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 130Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
127
MASTER_SLAVE  EQU 0           ;汇编后的程序代码下载到主单片机中
;MASTER_SLAVE  EQU 1           ;汇编后的程序代码下载到从单片机 #1 中
;MASTER_SLAVE  EQU 2           ;汇编后的程序代码下载到从单片机 #2 中
;-----------------
; 定义波特率自动重装数常量
;以下波特率是 PCON.7 = 0 时的数值, 若使 PCON.7 = 1 可将波特率加倍
;RELOAD_8BIT_DATA  EQU 0FFH   ;Fosc=22.1184MHz, Baud = 57600
;RELOAD_8BIT_DATA  EQU 0FBH   ;Fosc=18.432MHz, Baud=9600, 1T 运行时 Baud=115200
RELOAD_8BIT_DATA   EQU 0F6H   ;Fosc=18.432MHz, Baud=4800, 1T 运行时 Baud=57600
;RELOAD_8BIT_DATA  EQU 0FFH   ;Fosc=11.059MHz, Baud = 28800、
;------------------------------------------------------------------------------
;定义特殊功能寄存器
AUXR    EQU 8EH
;AUXR 特殊功能寄存器的 bit3 是 SPI 中断允许控制位 ESPI
;IE  特殊功能寄存器的 bit5  是 ADC 和 SPI 两个中断共享的总中断允许控制位 EADC_SPI
;要产生 SPI 中断,  需要 ESPI/EADC_SPI/EA 都为 1
;------------------------------------------------------------------------------
;定义 SPI  特殊功能寄存器,  详细说明见本程序的后部
SPCTL           EQU 85H
SPSTAT          EQU 84H
SPDAT           EQU 86H
EADC_SPI        EQU IE.5
;------------------------------------------------------------------------------
;定义 SPI 脚
SCLK            EQU P1.7
MISO            EQU P1.6
MOSI            EQU P1.5
SS              EQU P1.4
Slave1_SS       EQU P1.2
Slave2_SS       EQU P1.3
;------------------------------------------------------------------------------
;定义单片机管脚
LED_MCU_START   EQU P3.4
;------------------------------------------------------------------------------
;定义变量
Flags           EQU 20H
SPI_Receive     EQU Flags.0         ;SPI 端口收到数据标志位
T0_10mS_count   EQU 30H             ;该变量用于保存 10 毫秒计数(T0 中断次数)
SPI_buffer      EQU 31H             ;该变量用于保存 SPI 端口收到的数据
;------------------------------------------------------------------------------
    ORG   0000H
    AJMP  MAIN
;------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com