Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89C53RC Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 80Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 81Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 82Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 83Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 84Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 85Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 86Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 87Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
84
;STC12C5410AD  系列单片机 PCA  功能
PWM  示例程序,使用 18.432MHz 晶振。
;------------------------------------------------------------
#include <..\STC12_PCA_SFR.ASM>    ;定义 PCA 特殊功能寄存器
;------------------------------------------------------------
;定义常量
;pulse_width_MAX = pulse_width_MIN 时,  输出脉冲宽度不变。
pulse_width_MAX   EQU   0F0H        ;PWM 脉宽最大值, 占空比 = 93.75%
pulse_width_MIN   EQU   10H         ;PWM 脉宽最小值, 占空比 = 6.25%
step              EQU   38H         ;PWM 脉宽变化步长
;------------------------------------------------------------
;定义变量
pulse_width     EQU  30H
;------------------------------------------------------------
    ORG 0000H
    AJMP  main
;------------------------------------------------------------
    ORG 0050H
main:
    MOV   SP, #0E0H
    ACALL PCA_init
main_loop:
    ACALL PWM
    SJMP  main_loop
;------------------------------------------------------------
PCA_init:
    MOV   CMOD, #80H;           ;PCA 在空闲模式下停止 PCA 计数器工作
                                ;PCA 时钟模式为 fosc/12
                                ;禁止 PCA 计数器溢出中断
    MOV   CCON, #00H            ;禁止 PCA 计数器工作, 清除中断标志、计数器溢出标志
    MOV   CL, #00H              ;清 0 计数器
    MOV   CH, #00H
;-------------------------
;设置模块 0 为 8  位 PWM  输出模式, PWM  无需中断支持。脉冲在 P3.7(第 11 脚)输出
    MOV   CCAPM0, #42H          ;*** 示例程序核心语句, ---->0100,0010
    MOV   PCA_PWM0, #00H        ;*** 示例程序核心语句
;   MOV   PCA_PWM0, #03H        ;释放本行注释, PWM 输出就一直是 0, 无脉冲。
;-------------------------
;设置模块 1 为 8  位 PWM  输出模式, PWM  无需中断支持。脉冲在 P3.5(第 9 脚)输出
    MOV   CCAPM1, #42H          ;*** 示例程序核心语句, ---->0100,0010
    MOV   PCA_PWM1, #00H        ;*** 示例程序核心语句
  STC12C5410AD 系列单片机 PCA 功能 PWM 输出程序



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com