Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89C53RC Datasheet(PDF) 138 Page - List of Unclassifed Manufacturers

Part # STC89C53RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89C53RC Datasheet(HTML) 138 Page - List of Unclassifed Manufacturers

Back Button STC89C53RC Datasheet HTML 134Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 135Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 136Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 137Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 138Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 139Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 140Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 141Page - List of Unclassifed Manufacturers STC89C53RC Datasheet HTML 142Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
138
附录E:     STC 单片机普通 I/O 口驱动 LCD 显示
P1.5
P1.6
P1.7
RST
P3.0
P4.3
P3.1
P3.2
P3.3
P3.4
P3.5
P0.4
P0.5
P0.6
P0.7
  EA
P4.1
 ALE
PSEN
P2.7
P2.6
P2.5
Seg3
7
8
9
10
11
12
13
14
15
16
17
Seg13
Seg14
Seg15
39
38
37
36
35
34
33
32
31
30
29
Seg23
Seg22
Seg21
Com0   0
Com0
Com1
Seg0
Com1   1
Seg0   2
Seg1
Seg1   3
Seg2
Seg2   4
Seg3
Seg3   5
Seg4
Seg4   6
Seg5
Seg5   7
Seg6
Seg6   8
Seg7
Seg7   9
Seg8
Seg8  10
Seg9
Seg9  11
Seg10
Seg10 12
Seg11
Seg11 13
Seg12
Seg12 14
Seg13
Seg13 15
Seg14
Seg14 16
Seg15
Seg15 17
Seg16
Seg16 18
Seg17
Seg17 19
Seg18
Seg18 20
Seg19
Seg19 21
Seg20
Seg20 22
Seg21
Seg21 23
Seg22
Seg22 24
Seg23
Seg23 25
Com2
Com2  26
U2
STC89C58RD+
VCC
 R1
10K
10uF
C1
VCC
21K
VCC
PLCC-44
<33pF
<33pF
本资料不提供技术支持, 请自行消化吸收



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com