Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358BIDDFR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BIDDFR
Description  Industry-Standard Dual Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM358BIDDFR Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM358BIDDFR Datasheet HTML 44Page - Texas Instruments LM358BIDDFR Datasheet HTML 45Page - Texas Instruments LM358BIDDFR Datasheet HTML 46Page - Texas Instruments LM358BIDDFR Datasheet HTML 47Page - Texas Instruments LM358BIDDFR Datasheet HTML 48Page - Texas Instruments LM358BIDDFR Datasheet HTML 49Page - Texas Instruments LM358BIDDFR Datasheet HTML 50Page - Texas Instruments LM358BIDDFR Datasheet HTML 51Page - Texas Instruments LM358BIDDFR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-87710012A
FK
LCCC
20
1
506.98
12.06
2030
NA
5962-87710022A
FK
LCCC
20
1
506.98
12.06
2030
NA
LM158AFKB
FK
LCCC
20
1
506.98
12.06
2030
NA
LM158FKB
FK
LCCC
20
1
506.98
12.06
2030
NA
LM258AD
D
SOIC
8
75
507
8
3940
4.32
LM258AD
D
SOIC
8
75
506.6
8
3940
4.32
LM258AP
P
PDIP
8
50
506.1
9
600
5.4
LM258AP
P
PDIP
8
50
506
13.97
11230
4.32
LM258APE4
P
PDIP
8
50
506
13.97
11230
4.32
LM258D
D
SOIC
8
75
506.6
8
3940
4.32
LM258D
D
SOIC
8
75
507
8
3940
4.32
LM258DG4
D
SOIC
8
75
506.6
8
3940
4.32
LM258DG4
D
SOIC
8
75
507
8
3940
4.32
LM258P
P
PDIP
8
50
506.1
9
600
5.4
LM258P
P
PDIP
8
50
506
13.97
11230
4.32
LM258PE4
P
PDIP
8
50
506
13.97
11230
4.32
LM2904D
D
SOIC
8
75
506.6
8
3940
4.32
LM2904D
D
SOIC
8
75
507
8
3940
4.32
LM2904DE4
D
SOIC
8
75
507
8
3940
4.32
LM2904DE4
D
SOIC
8
75
506.6
8
3940
4.32
LM2904DG4
D
SOIC
8
75
506.6
8
3940
4.32
LM2904DG4
D
SOIC
8
75
507
8
3940
4.32
LM2904P
P
PDIP
8
50
506
13.97
11230
4.32
LM2904P
P
PDIP
8
50
506.1
9
600
5.4
LM2904PE4
P
PDIP
8
50
506
13.97
11230
4.32
LM2904PW
PW
TSSOP
8
150
530
10.2
3600
3.5
LM358AD
D
SOIC
8
75
506.6
8
3940
4.32
LM358AD
D
SOIC
8
75
507
8
3940
4.32
LM358ADE4
D
SOIC
8
75
506.6
8
3940
4.32
Pack Materials-Page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com