Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-2002183100 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-2002183100
Description  Hand Crimp Tool for Rectangular Wire Ferrule Crimp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-2002183100 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-2002183100 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-2002183100 Datasheet HTML 2Page - Molex Electronics Ltd. ATS-2002183100 Datasheet HTML 3Page - Molex Electronics Ltd. ATS-2002183100 Datasheet HTML 4Page - Molex Electronics Ltd. ATS-2002183100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hand Crimp Tool for Rectangular Wire Ferrule Crimp
Doc. No: ATS-2002183100
Release Date: 11-03-17
UNCONTROLLED COPY
Page 2 of 5
Revision: A
Revision Date: 11-03-17
Figure 3
SQUEEZE HANDLES
TOGETHER
CONDITIONS
After crimping, the ferrule should meet the following minimum pull force specifications:
Wire Size
Pull Force Minimum
AWG
mm
2
N
Lb.
8
10
90
20.23
6
16
100
22.48
4
25
135
30.35
OPERATION
1. Insert a properly stripped wire into the ferrule
connector and cycle the tool through a full cycle to
open the jaws of the tool. See Figure 1.
2. Place the ferrule connector with the wire onto the
lower jaw of the hand tool, ensuring that the end of
the ferrule does not extend beyond the side face of
the jaws. See Figure 2.
•
Warning: Extending the ferrule connector
beyond the face of the jaws will produce
parts of the ferrule connector that will not be
crimped, potentially resulting in an undesired
mate connection.
3. Partially close the tool to hold the ferrule connector in place.
Verify that the wire is properly inserted into the connector.
See Figure 3.
4. Cycle the tool through a full cycle to complete the crimp.
Note: The tamper-proof ratchet action will not release the tool until it has been fully closed.
5. Remove the crimped connector and inspect for proper crimp location.
FERRULE
CONNECTOR
WIRE
Figure 1
Figure 2
FERRULE
CONNECTOR
LOWER
JAW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com