Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZ16 Datasheet(PDF) 1 Page - CUI INC

Part # ACZ16
Description  MECHANICAL INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ16 Datasheet(HTML) 1 Page - CUI INC

  ACZ16 Datasheet HTML 1Page - CUI INC ACZ16 Datasheet HTML 2Page - CUI INC ACZ16 Datasheet HTML 3Page - CUI INC ACZ16 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 07/14/2020
page 1 of 4
SERIES: ACZ16
│ DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
cuidevices.com
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
0.5 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
5 V dc max.
output resolution
12, 24 ppr
insulation resistance
50 V dc, 100 MΩ
withstand voltage
50 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
7
kgf
rotational torque
with detent click
without detent click
50
90
130
210
gf•cm
gf•cm
rotational life
100,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
65
°C
storage temperature
-40
75
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
Notes:
1. It is recommended to use products within 6 months.
2. For storage conditions, it is recommended to keep away from direct sunlight, corrosive gas, or high humidity conditions.
3. Use the product as soon as possible once the plastic bag has been unsealed, and reseal the bag if product is not immediately used.
4. The products are packaged in sealed bags with anti humidity tablets.
PART NUMBER KEY
ACZ16 X BR X E- XX XX X1- XXX
Version:
“blank” = switch (momentary)
N = no switch
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
24 = 24 ppr, no detent
24C = 24 ppr, 24 detent
Bushing:
1 = M9 x 0.75 (H = 5)
2 = M9 x 0.75 (H = 7)
Shaft length:
15, 20, 25
Shaft
type:
KQ, F
Mounting orientation:
A = Horizontal
D = Vertical
Additional Resources: Product Page


Similar Part No. - ACZ16

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16 CUI-ACZ16 Datasheet
106Kb / 3P
mec hanic al incr emen tal encoder
ACZ16 CUI-ACZ16 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
Same Sky Devices
ACZ16 SAMESKY-ACZ16 Datasheet
341Kb / 4P
MECHANICAL INCREMENTAL ENCODER
09/12/2024
logo
CUI INC
ACZ16BR1E-15FA1-12 CUI-ACZ16BR1E-15FA1-12 Datasheet
106Kb / 3P
mec hanic al incr emen tal encoder
ACZ16BR1E-15FA1-12 CUI-ACZ16BR1E-15FA1-12 Datasheet
106Kb / 3P
mechanical incremental encoder
More results

Similar Description - ACZ16

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com