Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS101C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LS101C
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LS101C Datasheet(HTML) 1 Page - Vishay Siliconix

  LS101C Datasheet HTML 1Page - Vishay Siliconix LS101C Datasheet HTML 2Page - Vishay Siliconix LS101C Datasheet HTML 3Page - Vishay Siliconix LS101C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS101A, LS101B, LS101C
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-Nov-2021
1
Document Number: 85628
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
LINKS TO ADDITIONAL RESOURCES
MECHANICAL DATA
Case: QuadroMELF (SOD-80)
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
FEATURES
• Integrated
protection
ring
against
static
discharge
•Low capacitance
• Low leakage current
• Low forward voltage drop
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• HF-detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC/DC converter for notebooks
333
DDD3 D
3D Models
PARTS TABLE
PART
TYPE DIFFERENTIATION
ORDERING CODE
CIRCUIT
CONFIGURATION
REMARKS
LS101A
VR = 60 V, VF at IF = 1 mA max. 410 mV
LS101A-GS18 or LS101A-GS08
Single
Tape and reel
LS101B
VR = 50 V, VF at IF = 1 mA max. 400 mV
LS101B-GS18 or LS101B-GS08
Single
Tape and reel
LS101C
VR = 40 V, VF at IF = 1 mA max. 390 mV
LS101C-GS18 or LS101C-GS08
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
LS101A
VR
60
V
LS101B
VR
50
V
LS101C
VR
40
V
Peak forward surge current
tp = 10 μs
IFSM
2A
Repetitive peak forward current
IFRM
150
mA
Forward continuous current
IF
30
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-65 to +150
°C


Similar Part No. - LS101C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS101C VISHAY-LS101C Datasheet
151Kb / 4P
Small Signal Schottky Barrier Diodes
13-Apr-04
LS101C VISHAY-LS101C Datasheet
167Kb / 5P
Small Signal Schottky Diodes
21-Mar-06
logo
GOOD-ARK Electronics
LS101C GOOD-ARK-LS101C Datasheet
98Kb / 2P
Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
LS101C VISHAY-LS101C Datasheet
227Kb / 5P
Small Signal Schottky Diodes
05-Aug-10
LS101C VISHAY-LS101C Datasheet
192Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
More results

Similar Description - LS101C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com