Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4927SD Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4927SD
Description  2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4927SD Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4927SD Datasheet HTML 6Page - National Semiconductor (TI) LM4927SD Datasheet HTML 7Page - National Semiconductor (TI) LM4927SD Datasheet HTML 8Page - National Semiconductor (TI) LM4927SD Datasheet HTML 9Page - National Semiconductor (TI) LM4927SD Datasheet HTML 10Page - National Semiconductor (TI) LM4927SD Datasheet HTML 11Page - National Semiconductor (TI) LM4927SD Datasheet HTML 12Page - National Semiconductor (TI) LM4927SD Datasheet HTML 13Page - National Semiconductor (TI) LM4927SD Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision History
Rev
Date
Description
0.1
06/01/05
1st time WEB release for this project. (MC)
0.2
04/07/06
Edited the Rf spec (5V EC table) to reveal
max and min limits of 47 and 37 k
Ω
respectively (per Bic and Daniel).
0.3
04/14/06
Added Ri = 40kohm (Conditions for Rf) per Bic
and WC Pua, then re-released D/S.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com