Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 0805
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0805 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 0805 Datasheet HTML 4Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 5Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 9Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 10Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 11Page - Freescale Semiconductor, Inc 0805 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MW4IC001NR4 MW4IC001MR4
C7
Z6
Z3
Figure 15. MW4IC001NR4(MR4) 2170 MHz Test Circuit Schematic
Z9
0.106″ x 0.344″ Microstrip
Z10
0.783″ x 0.500″ Microstrip
Z11
0.847″ x 0.022″ Microstrip
Z12
1.055″ x 0.022″ Microstrip
Z13
0.291″ x 0.387″ Microstrip
Z14
0.050″ x 0.287″ Microstrip
Z15
0.950″ x 0.044″ Microstrip
PCB
Rogers RO4350, 0.020″, εr = 3.5
Z1
1.267″ x 0.044″ Microstrip
Z2
0.058″ x 0.044″ Microstrip
Z3
0.758″ x 0.256″ Microstrip
Z4
1.073″ x 0.022″ Microstrip
Z5
1.361″ x 0.022″ Microstrip
Z6
0.205″ x 0.332″ Microstrip
Z7
0.109″ x 0.150″ Microstrip
Z8
0.210″ x 0.150″ Microstrip
RF
INPUT
Z1
VGG
Z2
Z4
Z5
C3
RF
OUTPUT
C5
DUT
VDD
Z10
Z13
Z15
Z11
Z7
C1
+
C2
R1
C4
Z12
Z8
Z9
C6
+
Z14
Table 8. MW4IC001NR4(MR4) 2170 MHz Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C6
22 µF, 35 V Tantalum Capacitors
T491X226K035AS
Kemet
C2, C4
10 pF, 500 V Chip Capacitors
100B100JCA500X
ATC
C3, C5
10 pF, 500 V Chip Capacitor
600S100JW
ATC
C7
0.6-4.5 pF, 500 V Variable Capacitor
27271SL
Johanson
R1
1 kW Chip Resistor
CRCW12061021F100
Dale
Figure 16. MW4IC001NR4(MR4) 2170 MHz Test Circuit Component Layout
C3
C4
C2
C6
C5
C7
R1
VGG
2170 MHz
MW4IC001MR4
Rev 3
VDD
C1
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com