Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC4GUN Datasheet(PDF) 2 Page - Schneider Electric

Part # VC4GUN
Description  TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VC4GUN Datasheet(HTML) 2 Page - Schneider Electric

  VC4GUN Datasheet HTML 1Page - Schneider Electric VC4GUN Datasheet HTML 2Page - Schneider Electric VC4GUN Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Icw] rated short-time withstand
Rms current
960 A 400 V 1 s
Rated conditional short-circuit
current
10 kA 400 V 80 A aM
10 kA 400 V 80 A gG
Breaking capacity
640 A 400 V AC-21A)
640 A 400 V AC-22A)
640 A 400 V AC-23A)
Mechanical durability
30000 cycles
Electrical durability
30000 cycles AC-21
30000 cycles DC-1...5
Environmental characteristic
Standard environment
Suitability for isolation
Yes
Connections - terminals
screw clamp terminals 0.04 in² (25 mm²) solid - with cable end
screw clamp terminals 0.02 in² (16 mm²) flexible
Tightening torque
35.40 lbf.in (4 N.m) screw clamp terminals
Fire resistance
1760 °F (960 °C) IEC 60595-2-1
Handle front plate dimension
60 x 60 mm
Height
7.60 in (193 mm)
Width
6.46 in (164 mm)
Depth
5.20 in (132 mm)
Net Weight
2.05 lb(US) (0.93 kg)
Environment
Standards
UL 508
CSA C22.2 No 14
IEC 60947-4-1
IEC 60204
Protective treatment
TC
IP degree of protection
IP65 conforming to IEC 60529
NEMA Degree of Protection
NEMA 12
Mechanical robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-4…122 °F (-20…50 °C)
Ordering and shipping details
Category
21730-V VARIO SWITCH
Discount Schedule
CP1
GTIN
3389119413206
Nbr. of units in pkg.
1
Package weight(Lbs)
2.34 lb(US) (1.062 kg)
Returnability
Yes
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
8.27 in (21 cm)
Package 1 width
8.46 in (21.5 cm)
Package 1 Length
8.66 in (22 cm)
2
Jun 12, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com