Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV19W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV19W
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV19W Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV19W Datasheet HTML 1Page - Vishay Siliconix BAV19W Datasheet HTML 2Page - Vishay Siliconix BAV19W Datasheet HTML 3Page - Vishay Siliconix BAV19W Datasheet HTML 4Page - Vishay Siliconix BAV19W Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV19W, BAV20W, BAV21W
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 23-Feb-18
1
Document Number: 85725
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, High Voltage
DESIGN SUPPORT TOOLS
MECHANICAL DATA
Case: SOD-123
Weight: approx. 10.3 mg
Packaging codes / options:
18/10K per 13
" reel (8 mm tape), 10K/box
08/3K per 7
" reel (8 m tape), 15K/box
FEATURES
• Silicon epitaxial planar diodes
• For general purpose
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
click logo to get started
Available
Models
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE
MARKING
CIRCUIT
CONFIGURATION
REMARKS
BAV19W
VR = 100 V
BAV19W-E3-08 or BAV19W-E3-18
BAV19W-HE3-08 or BAV19W-HE3-18
A8
Single
Tape and reel
BAV20W
VR = 150 V
BAV20W-E3-08 or BAV20W-E3-18
BAV20W-HE3-08 or BAV20W-HE3-18
A9
Single
Tape and reel
BAV21W
VR = 200 V
BAV21W-E3-08 or BAV21W-E3-18
BAV21W-HE3-08 or BAV21W-HE3-18
AA
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Continuous reverse voltage
BAV19W
VR
100
V
BAV20W
VR
150
V
BAV21W
VR
200
V
Repetitive peak reverse voltage
BAV19W
VRRM
120
V
BAV20W
VRRM
200
V
BAV21W
VRRM
250
V
DC Forward current (1)
IF
250
mA
Rectified current (average) half wave
rectification with resist. load (1)
IF(AV)
200
mA
Repetitive peak forward current (1)
f
 50 Hz,  = 180°
IFRM
625
mA
Surge forward current
t < 1 s, Tj = 25 °C
IFSM
1A
Power dissipation (1)
Ptot
410
mW


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com