Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY448
Description  Standard Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY448 Datasheet(HTML) 1 Page - Vishay Siliconix

  BY448 Datasheet HTML 1Page - Vishay Siliconix BY448 Datasheet HTML 2Page - Vishay Siliconix BY448 Datasheet HTML 3Page - Vishay Siliconix BY448 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY448 , BY458
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 20-Feb-18
1
Document Number: 86006
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard Avalanche Sinterglass Diode
DESIGN SUPPORT TOOLS
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• High voltage rectification
• Efficiency diode in horizontal deflection circuits
949539
click logo to get started
Available
Models
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BY458
BY458TR
5000 per 10" tape and reel
25 000
BY458
BY458TAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY448
VR = 1500 V, IFAV = 2 A
SOD-57
BY458
VR = 1200 V, IFAV = 2 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
See electrical characteristics
BY448
VR = VRRM
1500
V
BY458
VR = VRRM
1200
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
30
A
Average forward current
IFAV
2A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
-55 to +175
°C
Non repetitive reverse avalanche energy
l(BR)R = 0.4 A
ER
10
mJ
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W


Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
More results

Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com