Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT17-075 Datasheet(PDF) 4 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  Si 2035 Programmable Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 4 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 3Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 4Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 5Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 6Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 7Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 8Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Si2035 Programmable Stepper Drive
Si2035 Connections
Si2035 Outline Drawings
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
2
3
1
19
20
21
22
23
24
25
+5V
Out 1-
Out 2+
Out 1+
Ain Com
N/C
Ain 1
IN 8-
COM
IN 5
IN 6
IN 7+
IN 8+
IN 7-
IN 4
IN 1
COM
IN 2
COM
IN 3
Out 2-
Out 3+
Out 3-
Out 4+
Out 4-
Si2035 Programmable Step Motor Driver
PC/MMI
IN/OUT
MOTOR
AC POWER
AC Power
Connector
Motor
Connector
I/O
Connector
Status
LED
PC/MMI
Connector
DIR
EN
COM
STEP
TACH+
TACH-
WPR
CCW
CW
PDO 2035
Step Motor Driver
POWER
HALF
STEP
B–
B+
A–
A+
GND
N
L
HI
LO
➜
BYPASS
INT
➜➜
EXT
➜➜
FULL
STEP
SPEED
DECEL
ACCEL
1000
500
250
125
6.80"
.245"
.273"
1.75"
.40"
4.00"
.19"
6.00"
B–
B+
A–
A+
GND
N
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com