Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA2Z366 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2Z366
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Z366 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2Z366 Datasheet HTML 1Page - Panasonic Semiconductor MA2Z366 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variable Capacitance Diodes
2
MA2Z366
CD  VR
IR  Ta
CD  Ta
IF  VF
Secondary rank classification
Primary rank classification
CD rank classification
9
27.27
27.82
28.38
28.95
29.53
30.13
30.74
31.36
31.99
8
7
6
5
4
3
2
1
87654321
Note: Tracking guarantee range
(Capacitance deviation 2.5%)
C
D(25V)
(pF)
15
7.09
7.23
7.37
7.52
7.67
7.82
7.98
8.14
8.30
8.47
8.64
8.81
8.99
9.17
9.35
9.54
9.73
9.92
14 13 12 11 10 9 8 7
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
654321
C
D(17V)
(pF)
1
100
10
2
20
3
30
5
50
0
8
16
24
32
4
12202836 40
Reverse voltage V
R
(V)
f
= 1 MHz
Ta
= 25°C
0
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F
(V)
Ta
= 60°C
25
°C
− 40°C
0.97
0
20
40
60
80
100
0.98
0.99
1.00
1.01
1.02
1.03
Ambient temperature T
a
(
°C)
VR
= 2 V
10 V
17 V
25 V
f
= 1 MHz
0.01
0
40
80
120
160
200
20
60
100
140
180
0.1
1
10
100
Ambient temperature T
a
(
°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com