Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV26DGP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV26DGP
Description  Glass Passivated Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV26DGP Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV26DGP Datasheet HTML 1Page - Vishay Siliconix BYV26DGP Datasheet HTML 2Page - Vishay Siliconix BYV26DGP Datasheet HTML 3Page - Vishay Siliconix BYV26DGP Datasheet HTML 4Page - Vishay Siliconix BYV26DGP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYV26DGP, BYV26EGP
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 06-Oct-2021
2
Document Number: 88554
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, mounted on PCB with 0.5" x 0.5" (12 mm x 12 mm) copper pads
(2) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsink
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYV26DGP
BYV26EGP
UNIT
Minimum avalanche breakdown voltage
100 μA
VBR
900
1100
V
Maximum instantaneous forward voltage
1.0 A
TJ = 25 °C
VF
2.5
V
TJ = 175 °C
1.3
Maximum DC reverse current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 165 °C
150
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
75
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYV26DGP
BYV26EGP
UNIT
Typical thermal resistance
RθJA
(1)
70
°C/W
RθJL
(2)
16
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYV26EGP-E3/54
0.428
54
4000
13" diameter paper tape and reel
BYV26EGP-E3/73
0.428
73
2000
Ammo pack packaging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com