Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG8XT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UG8XT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8XT Datasheet(HTML) 1 Page - Vishay Siliconix

  UG8XT Datasheet HTML 1Page - Vishay Siliconix UG8XT Datasheet HTML 2Page - Vishay Siliconix UG8XT Datasheet HTML 3Page - Vishay Siliconix UG8XT Datasheet HTML 4Page - Vishay Siliconix UG8XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYV29-xxx, BYV29F-xxx, BYV29B-xxx, UG8xT, UGF8xT, UGB8xT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-2019
1
Document Number: 88557
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Rectifier
DESIGN SUPPORT TOOLS AVAILABLE
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 245 °C (D2PAK (TO-263AB package))
• Solder dip 275 °C max. 10 s, per JESD 22-B106
(for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3
(for ITO-220AC and D2PAK (TO-263AB package))
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, D2PAK (TO-263AB)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commerical
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,....)
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
300 V to 400 V
IFSM
110 A
trr
35 ns
VF
1.03 V
TJ max.
150 °C
Package
TO-220AC, ITO-220AC, D2PAK (TO-263AB)
Circuit configurations
Single
CASE
PIN 2
PIN 1
TO-220AC
BYV29, UG8 Series
ITO-220AC
BYV29F, UGF8 Series
BYV29B, UGB8 Series
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
1
2
D2PAK (TO-263AB)
33
DD3 D
3D Models
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYV29-300
BYV29-400
UNIT
UG8FT
UG8GT
Maximum repetitive peak reverse voltage
VRRM
300
400
V
Maximum working reverse voltage
VRWM
300
400
V
Maximum RMS voltage
VRMS
210
280
V
Maximum DC blocking voltage
VDC
300
400
V
Maximum average forward rectified current at TC = 100 °C
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
110
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C
Isolation voltage (ITO-220AC only) from terminal to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UG8XT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG8xT VISHAY-UG8xT Datasheet
138Kb / 5P
Ultrafast Rectifier
23-Feb-16
UG8xT VISHAY-UG8xT Datasheet
138Kb / 5P
Ultrafast Rectifier
24-Feb-16
UG8xT VISHAY-UG8xT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UG8XT VISHAY-UG8XT Datasheet
143Kb / 5P
Ultrafast Rectifier
12-Jun-2019
UG8XT VISHAY-UG8XT_V01 Datasheet
143Kb / 5P
Ultrafast Rectifier
12-Jun-2019
More results

Similar Description - UG8XT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com