Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI821 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GI821
Description  Fast Switching Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI821 Datasheet(HTML) 3 Page - Vishay Siliconix

  GI821 Datasheet HTML 1Page - Vishay Siliconix GI821 Datasheet HTML 2Page - Vishay Siliconix GI821 Datasheet HTML 3Page - Vishay Siliconix GI821 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GI820, GI821, GI822, GI824, GI826, GI828
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jul-13
3
Document Number: 88629
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
Fig. 5 - Typical Reverse Characteristics
Fig. 6 - Typical Thermal Resistance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
1
10
100
100
150
200
250
300
350
400
Number of Cycles at 60 Hz
T
J = 125 °C
T
A = 25 °C
8.3 ms Single Half Sine-Wave
Instantaneous Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
Percent of Rated Peak Reverse Voltage (%)
10
1
0.1
0.01
0
20
40
60
80
100
T
J = 25 °C
T
J = 50 °C
T
J = 100 °C
Equal Lead Lengths to Heatsink (inches)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
5
10
15
20
25
L = Lead Length
0.052 (1.32)
0.048 (1.22)
0.360 (9.1)
0.340 (8.6)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
P600



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com