Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP08B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GP08B
Description  Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GP08B Datasheet(HTML) 1 Page - Vishay Siliconix

  GP08B Datasheet HTML 1Page - Vishay Siliconix GP08B Datasheet HTML 2Page - Vishay Siliconix GP08B Datasheet HTML 3Page - Vishay Siliconix GP08B Datasheet HTML 4Page - Vishay Siliconix GP08B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GP08A, GP08B, GP08D, GP08G, GP08J
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 26-Jan-2022
1
Document Number: 88636
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Junction Rectifier
FEATURES
• Superectifier
structure
for
high
reliability
application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes application
MECHANICAL DATA
Case: DO-41 (DO-204AL), molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
0.8 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V
IFSM
25 A
IR
5.0 μA
VF
1.3 V
TJ max.
175 °C
Package
DO-41 (DO-204AL)
Circuit configuration
Single
DO-41 (DO-204AL)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GP08A
GP08B
GP08D
GP08G
GP08J
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
V
Maximum RMS voltage
VRMS
35
70
140
280
420
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
V
Maximum average forward rectified current 0.375" (9.5 mm)
lead length at TA = 55 °C
IF(AV)
0.8
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
25
A
Maximum full load reverse current full cycle average
0.375" (9.5 mm) lead length at TA = 55 °C
IR(AV)
30
μA
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C


Similar Part No. - GP08B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP08B GE-GP08B Datasheet
60Kb / 2P
GP02
logo
First Components Intern...
GP08B FCI-GP08B Datasheet
161Kb / 2P
0.8 Amp MEGARECTIFIERS
logo
Gulf Semiconductor
GP08B GULFSEMI-GP08B Datasheet
136Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
logo
Shenzhen Taychipst Elec...
GP08B TAYCHIPST-GP08B Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
VoltarisTech Inc
GP08B VOLTARISTECH-GP08B Datasheet
289Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
Rev.A4
More results

Similar Description - GP08B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com