Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2835 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM2835
Description  300mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2835 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM2835 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2835 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2835 family is a positive voltage linear regulator
developed utilizing CMOS technology featured low quiescent
current (30μA typ.), low dropout voltage, and high output
voltage accuracy, making them ideal for battery applications.
EN input connected to CMOS has low bias current. The
space-saving SOT-23 and SOT-89 package is attractive for
“Pocket” and “Hand Held” applications.
These rugged devices have both Thermal Shutdown, and
Current limit to prevent device failure under the “Worst” of
operating conditions.
The CM2835 is stable with a Low ESR output capacitance of
1.0μF or greater.
Very Low Dropout Voltage
Low Current Consumption: Typ. 30μA, Max. 35μA
Output Voltage: 1.8V, 2.5V, 3.0V, and 3.3V
High Accuracy Output Voltage: +/- 1.5%
Guaranteed 300mA Output
Input Range up to 7.0V
Thermal Shutdown
Current Limiting
Stability with Low ESR Capacitors
Compact Package: SOT-23, SOT-89
Factory Pre-set Output Voltages
Low Temperature Coefficient
APPLICATIONS
Battery-powered devices
Personal communication devices
Home electric/electronic appliances
PC peripherals
TYPICAL APPLICATIONS
CM 2835
IN
OUT
GND
IN
OUT
5V
C1
1uF
C2
1.0uF


Similar Part No. - CM2835

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2835 CHAMP-CM2835 Datasheet
373Kb / 9P
300mA CMOS LDO
CM2835DIM23 CHAMP-CM2835DIM23 Datasheet
373Kb / 9P
300mA CMOS LDO
CM2835DIM89 CHAMP-CM2835DIM89 Datasheet
373Kb / 9P
300mA CMOS LDO
CM2835GDIM23 CHAMP-CM2835GDIM23 Datasheet
373Kb / 9P
300mA CMOS LDO
CM2835GDIM89 CHAMP-CM2835GDIM89 Datasheet
373Kb / 9P
300mA CMOS LDO
More results

Similar Description - CM2835

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
300mA CMOS LDO
2002
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
300mA CMOS LDO
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
300mA CMOS LDO
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com