Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC810Z Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STC810Z
Description  UP Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC810Z Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STC810Z Datasheet HTML 5Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 6Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 7Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 8Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 9Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 10Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 11Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 12Page - List of Unclassifed Manufacturers STC810Z Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
DC Electrical Characteristics
Table 4. DC Electrical Characteristics
* Valid for both RESET and RESET. V
RN is nominal reset threshold voltage.
** WDI is internally serviced within the watchdog period if WDI is left unconnected.
(Vcc=VRN+5% to 5.5V, TA= -40~85”C, unless otherwise noted)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Voltage Range
1.0
5.5
V
ICC
Supply Current
Vcc = 5V, No load
20
50
µA
VIH
Input High Voltage
Pin: MR, WDI
0.7 Vcc
V
VIL
Input Low Voltage
Pin: MR, WDI
0.3 Vcc
V
VRN-2.5%
VRN
VRN+2.5%
STCxxxL
4.514
4.63
4.746
STCxxxM
4.271
4.38
4.490
STCxxxT
3.003
3.08
3.157
STCxxxS
2.857
2.93
3.003
STCxxxR
2.564
2.63
2.696
STCxxxZ
2.262
2.32
2.378
VRST
Reset Threshold Voltage
(Note 1)
TA= -40 ~ 85”C
STCxxxY
2.145
2.20
2.255
V
VRTH
Reset Threshold
Hysteresis(Note 1)
Vcc varies between VRN
±5%
70
mV
Vcc
≥ 4.5V Isource=800µA
Vcc-1.5
Vcc
≥ 2.7V Isource=500µA
0.8 Vcc
VOH
Output High Voltage
Vcc
≥ 1.8V Isource=150µA
0.8 Vcc
V
Vcc
≥ 4.5V Isink=3.2mA
0.4
Vcc
≥ 2.7V Isink=1.2mA
0.3
VOL
Output Low Voltage
Vcc
≥ 1.2V Isink=100µA
0.3
V
ILKG
Open-Drain Output
Leakage Current
VCC > VTH(MAX)
for STC803 and STC6343
1
µA
VPFT
PFI Input Threshold
VPFI varies from 1.5V and 1.0V
1.20
1.25
1.30
V
IPFI
PFI Input Leakage
Current
±25
nA
WDI connected to VCC: 5.5V
120
160
IWDI
Average WDI Input
Current (Note 2)
WDI connected to GND
-20
-15
µA
STC811/7812
10
20
30
STC823/824/825
35
52
75
r
MR pull-up resistor
(internal)
STC6342/6343/6344
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com