Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599B Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 30Page - NXP Semiconductors TDF8599B Datasheet HTML 31Page - NXP Semiconductors TDF8599B Datasheet HTML 32Page - NXP Semiconductors TDF8599B Datasheet HTML 33Page - NXP Semiconductors TDF8599B Datasheet HTML 34Page - NXP Semiconductors TDF8599B Datasheet HTML 35Page - NXP Semiconductors TDF8599B Datasheet HTML 36Page - NXP Semiconductors TDF8599B Datasheet HTML 37Page - NXP Semiconductors TDF8599B Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
34 / 54
VP (V)
8
24
20
16
12
(1)
(2)
001aak227
90
30
60
120
150
Po
(W)
0
(3)
THD = 0.5 %
RDSon = 0.1 Ω (at Tj = 100 °C), Rs = 0.025 Ω,
tw(min) = 190 ns and IO(ocp) = 16 A (minimum).
(1) RL = 1 Ω.
(2) RL = 2 Ω.
(3) RL = 4 Ω.
Figure 28. Po as a function of VP in stereo mode with
THD = 0.5 %
VP (V)
8
24
20
16
12
(1)
(3)
001aak228
60
120
180
30
90
150
Po
(W)
0
(2)
THD = 10 %
RDSon = 0.1 Ω (at Tj = 100 °C), Rs = 0.025 Ω,
tw(min) = 190 ns and IO(ocp) = 16 A (minimum).
(1) RL = 1 Ω.
(2) RL = 2 Ω.
(3) RL = 4 Ω.
Figure 29. Po as a function of VP in stereo mode with
THD = 10 %
14.3 Output current limiting
The peak output current is internally limited to 8 A maximum. During normal operation,
the output current should not exceed this threshold level otherwise the output signal will
be distorted. The peak output current can be estimated using Equation 6:
(6)
• Io = output current (A)
• VP = supply voltage (V)
• RL = load impedance (Ω)
• RDSon = on-resistance of power switch (Ω)
• Rs = series resistance of output inductor (Ω)
Example: A 2 Ω speaker can be used with a supply voltage of 19 V before current limiting
is triggered.
Current limiting (clipping) avoids audio holes but can cause distortion similar to voltage
clipping. In Parallel mode, the output current is internally limited above 16 A.
14.4 Speaker configuration and impedance
A flat-frequency response (due to a 2nd order Butterworth filter) is obtained by changing
the low-pass filter components (LLC, CLC) based on the speaker configuration and
impedance. Table 22 shows the required values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com