Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599BTH Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 29Page - NXP Semiconductors TDF8599BTH Datasheet HTML 30Page - NXP Semiconductors TDF8599BTH Datasheet HTML 31Page - NXP Semiconductors TDF8599BTH Datasheet HTML 32Page - NXP Semiconductors TDF8599BTH Datasheet HTML 33Page - NXP Semiconductors TDF8599BTH Datasheet HTML 34Page - NXP Semiconductors TDF8599BTH Datasheet HTML 35Page - NXP Semiconductors TDF8599BTH Datasheet HTML 36Page - NXP Semiconductors TDF8599BTH Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
33 / 54
VP (V)
8
24
20
16
12
001aak225
30
20
50
70
10
40
60
Po
(W)
0
(1)
(2)
THD = 0.5 %
RDSon = 0.19 Ω (at Tj = 100 °C), Rs = 0.05 Ω,
tw(min) = 190 ns and IO(ocp) = 8 A (minimum).
(1) RL = 2 Ω.
(2) RL = 4 Ω.
Figure 26. Po as a function of VP in stereo mode with
THD = 0.5 %
VP (V)
8
24
20
16
12
001aak226
40
20
60
80
Po
(W)
0
(1)
(2)
THD = 10 %
RDSon = 0.19 Ω (at Tj = 100 °C), Rs = 0.05 Ω,
tw(min) = 190 ns and IO(ocp) = 8 A (minimum).
(1) RL = 2 Ω.
(2) RL = 4 Ω.
Figure 27. Po as a function of VP in stereo mode with
THD = 10 %
14.2 Output power estimation (Parallel mode)
Figure 28 and Figure 29 show the estimated output power at THD = 0.5 % and THD = 10
% as a function of the supply voltage for different load impedances in parallel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com