Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT04MTC Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT04MTC
Description  Hex Inverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT04MTC Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT04MTC Datasheet HTML 1Page - ON Semiconductor 74ACT04MTC Datasheet HTML 2Page - ON Semiconductor 74ACT04MTC Datasheet HTML 3Page - ON Semiconductor 74ACT04MTC Datasheet HTML 4Page - ON Semiconductor 74ACT04MTC Datasheet HTML 5Page - ON Semiconductor 74ACT04MTC Datasheet HTML 6Page - ON Semiconductor 74ACT04MTC Datasheet HTML 7Page - ON Semiconductor 74ACT04MTC Datasheet HTML 8Page - ON Semiconductor 74ACT04MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AC04, 74ACT04
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS FOR AC
TA = +25°C, CL = 50 pF
TA = −40°C to +85°C, CL = 50 pF
Symbol
Parameter
VCC(V) (Note 6)
Min
Typ
Max
Min
Max
Unit
tPLH
Propagation Delay
3.3
1.5
4.5
9.0
1.0
10.0
ns
5.0
1.5
4.0
7.0
1.0
7.5
tPHL
Propagation Delay
3.3
1.5
4.5
8.5
1.0
9.5
ns
5.0
1.5
3.5
6.5
1.0
7.0
6. Voltage range 3.3 is 3.3 V + 0.3 V. Voltage range 5.0 is 5.0 V + 0.5 V.
AC ELECTRICAL CHARACTERISTICS FOR ACT
TA = +25°C, CL = 50 pF
TA = −40°C to +85°C, CL = 50 pF
Symbol
Parameter
VCC(V) (Note 7)
Min
Typ
Max
Min
Max
Unit
tPLH
Propagation Delay
5.0
1.0
6.0
8.5
1.0
9.0
ns
tPLH
Propagation Delay
5.0
1.0
5.5
8.0
1.0
8.5
ns
7. Voltage range 5.0 is 5.0 V + 0.5 V.
CAPACITANCE
Symbol
Parameter
Conditions
Typ
Unit
CIN
Input Capacitance
VCC = OPEN
4.5
pF
VCC
Power Dissipation Capacitance
VCC = 5.0 V
30.0
pF
FACT is a registered trademark of Semiconductor Components Industries, LLC dba “onsemi” or its affiliates and/or subsidiaries in the United States and/or
other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com